PART |
Description |
Maker |
MCP3204-BISL MCP3204-CIST MCP3204-CIP MCP3204-BIP |
2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.93,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 CBS SCREW-MOUNT NYLON 3/4,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 TWIST-LOK 2.68,1 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口 400000 SYSTEM GATE 1.8 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN 2.7 4-Channel/8-Channel 12位A / D转换器具有SPI串行接口
|
Microchip Technology Inc. Microchip Technology, Inc.
|
SCH2602 |
350 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
UT6898G-S08-R UT6898G-S08-T UT6898L-S08-R UT6898L- |
N-CHANNEL ENHANCEMENT 9.4 A, 20 V, 0.014 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, SOP-8
|
Unisonic Technologies Co., Ltd.
|
MAX306C_D MAX30610 MAX307EUI-T MAX306EUI |
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO28
|
Maxim Integrated Products, Inc.
|
6AM14 |
Silicon N-Channel/P-Channel Power MOS FET Array 硅N-Channel/P-Channel功率MOS FET阵列
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
SIZ710DT-T1-GE3 |
N-Channel 20 V (D-S) MOSFETs 16 A, 20 V, 0.0068 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.73 MM, HALOGEN FREE AND ROHS COMPLIANT, LEADLESS, POWERPAIR, 6 PIN
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
|